PART |
Description |
Maker |
AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ10-R2 A |
CF CARD HEADER TYPE II SMD Memory Card Socket; Number of Contacts:50; Pitch Spacing:0.635mm; Contact Termination:PCB SMT; Contact Material:Copper Alloy; Contact Plating:Gold Over Nickel; Gender:Male; Number of Rows:2 32工位手册下控制电位器 32-Position Manual Up/Down Control Potentiometer 100K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Position Manual Up/Down Control Potentiometer 50K DIGITAL POTENTIOMETER, PUSH-BUTTON CONTROL INTERFACE, 32 POSITIONS, PDSO8 32-Position Manual Up/Down Control Potentiometer 32工位手册下控制电位器
|
Analog Devices, Inc.
|
AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR1 |
10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85% RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK 2-Channel/ 256-Position Digital Potentiometer 4-Channel 64-Position Digital Potentiometer
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227 |
64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器 64-Position Digital Up/Down Control Potentiometer
|
Analog Devices, Inc. AD[Analog Devices]
|
AD5273 AD5273BRJ1-R2 AD5273BRJ1-REEL7 AD5273BRJ100 |
64-Position OTP Digital Potentiometer 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO8 64-Position OTP Digital Potentiometer 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO8 64-Position, One-Time-Programmable (OTP) Digital Potentiometer
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|
E910.71 |
Sensorless position control of DC-motors, with drivers
|
ELMOS Semiconductor AG
|
AD5245BRJ10-R2 AD5245BRJ10-RL7 AD5245BRJ5 |
5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8 256 Position I<SUP>2</SUP>C Compatible Digital Potentiometer 256 Position I2C Compatible Digital Potentiometer
|
ANALOG DEVICES INC
|
THS117 E005970 |
HIGH STABILITY MOTOR CONTROL DIGITAL TACHOMETER CRANK SHAFT POSITION SENSOR From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
AN5764N AN5764 |
Horizontal picture position control IC for CRT monitor HORIZONTAL DEFLECTION IC, PSFM7
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
61C22-01-04-01 61C22-01-04-02 61C22-01-08-01 61C11 |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 16 or 32 Position with Pushbutton
|
GRAYHILL INC Grayhill, Inc
|
THS125 |
HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY CONTROL DIGITAL TACHOMETER CRANK SHAFR POSITION SENSOR
|
TOSHIBA
|
THS124 |
HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY CONTROL DIGITAL TACHOMETER CRANK SHAFR POSITION SENSOR
|
TOSHIBA
|
THS121 |
HALL SENSOR GaAs ION IMPLANTED PLANAR TYPE HIGH STABILITY CONTROL DIGITAL TACHOMETER CRANK SHAFR POSITION SENSOR
|
TOSHIBA
|